PART |
Description |
Maker |
TV15C100J-G TV15C110J-G TV15C120J-G TV15C130J-G TV |
Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device 工作峰值反向电压:5.0 - 170伏特,功耗:1500瓦,符合RoHS装置
|
Comchip Technology Co., Ltd.
|
FMBD4148SE |
350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
|
First Components Internatio...
|
NTE5825 NTE5818 NTE5819 NTE5823 |
Silicon power rectifier. Stud mount, fast recovery, 12 Amp. Peak repetitive reverse voltage 600V. Non-repetitive peak reverse voltage 660V. Silicon Power Rectifier Stud Mount, Fast Recovery, 12 Amp Silicon Power Rectifier Stud Mount Fast Recovery 12 Amp Silicon power rectifier. Stud mount, fast recovery, 12 Amp. Peak repetitive reverse voltage 200V. Non-repetitive peak reverse voltage 250V.
|
NTE[NTE Electronics]
|
NTE5906 NTE6005 NTE5980 NTE5907 NTE5995 NTE5986 NT |
Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 400V. Average forward current 40A. Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 1600V. Average forward current 40A. Silicon power rectifier diode. Anode to case. Max repetitive peak reverse voltage 1000V. Average forward current 40A. Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 1000V. Average forward current 40A. Receptacle With A Wire Wrap Tail Silicon Power Rectifier Diode / 40 Amp Silicon Power Rectifier Diode 40 Amp NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp 40 A, 300 V, SILICON, RECTIFIER DIODE 40 A, 200 V, SILICON, RECTIFIER DIODE
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
SA110C SA43A SA160 SA14 |
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 500瓦峰值功率瞬态电压抑制器 /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RES 2.74K OHM 1/10W .1% 0805 SMD 500W TRANSIENT VOLTAGE SUPPRESSORS 500 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 110.00 V. Test current IT = 1 mA.
|
Won-Top Electronics Co., Ltd. Bytes
|
CDBD1545A CDBD1545C CDBD1540C CDBD1530C CDBD1530 |
SMD Schottky Barrier Rectifier 15.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 30 V. Common cathod. 15.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 40 V. Common cathod. 15.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 45 V. Common cathod. 15.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 45 V. Common anode.
|
Comchip Technology
|
NTE5330 |
Single phase bridge rectifier, 6A. Maximum recurrent peak reverse voltage, Prv = 600V.
|
NTE Electronics
|
FTD182 |
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS DIODE TRIO DELCO TYPE Repetitive Peak Reverse Voltage VRRM 200
|
FCI connector First Components International
|
SR1045C |
Schottky barrier rectifier. Positive CT. Maximum recurrent peak reverse voltage 45 V. Maximum average forward rectified current 10 A.
|
Bytes
|
BYS459F-1500 BYS459-1500 BYS459B-1500 |
High Voltage Damper Diodes Reverse Voltage 1500V Forward Current 6.5A Reverse Recovery Time 350ns
|
VISAY[Vishay Siliconix]
|
BYS459B-1500S BYS459-1500S BYS459F-1500S BYS459-15 |
10 A, 1500 V, SILICON, RECTIFIER DIODE, TO-220AC PLASTIC PACKAGE-2 High Voltage Damper Diodes Reverse Voltage 1500V Forward Current 10A Reverse Recovery Time 220ns
|
Vishay Beyschlag VISAY[Vishay Siliconix]
|